Part Number Hot Search : 
KBP06 NE560 DT70V CMPZ4115 LPC768 75EUK2 MC6808 PL001
Product Description
Full Text Search
 

To Download P0300SL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDACtor(R) Device
RoHS
DO-214AA SIDACtor solid state protection devices protect telecommunications equipment such as modems, line cards, and CPE (telephones, answering machines, and fax machines). SIDACtor devices enable equipment to comply with various regulatory requirements including GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA-968-A (formerly known as FCC Part 68).
Electrical Parameters
Part Number * P0080S_L P0220S_L P0300S_L P0640S_L P0720S_L P0900S_L P1100S_L P1300S_L P1500S_L P1800S_L P2100S_L P2300S_L P2600S_L P3100S_L P3500S_L VDRM Volts 6 15 25 58 65 75 90 120 140 170 180 190 220 275 320 VS Volts 25 32 40 77 88 98 130 160 180 220 240 260 300 350 400 VT Volts 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 IDRM Amps 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 IS mAmps 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 IT Amps 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 IH mAmps 50 50 50 150 150 150 150 150 150 150 150 150 150 150 150
* "L" in part number indicates RoHS compliance. For non-RoHS compliant device, delete "L" from part number. For individual "SA", "SB", and "SC" surge ratings, see table below. General Notes: * All measurements are made at an ambient temperature of 25 C. IPP applies to -40 C through +85 C temperature range. * IPP is a repetitive surge rating and is guaranteed for the life of the product. * Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities. * VDRM is measured at IDRM. * VS is measured at 100 V/s. * Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
Surge Ratings in Amps
IPP Series 0.2x310 * 2x10 * 8x20 * 0.5x700 ** 2x10 ** 1.2x50 ** Amps A B C 20 25 50 Amps 150 250 500 Amps 150 250 400 10x160 * 10x160 ** Amps 90 150 200 10x560 * 10x560 ** Amps 50 100 150 5x320 * 9x720 ** Amps 75 100 200 10x360 * 10x1000 * 5x310 * ITSM 10x360 ** 10x1000 ** 10x700 ** 50 / 60 Hz Amps 75 125 175 Amps 45 80 100 Amps 75 100 200 Amps 20 30 30 di/dt Amps/s 500 500 500
* Current waveform in s ** Voltage waveform in s
www.littelfuse.com
3-2
(c) 2006 Littelfuse * Telecom Design Guide
SIDACtor(R) Device
Thermal Considerations
Package DO-214AA Symbol TJ TS RJA Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient Value -40 to +150 -65 to +150 90 Unit C C C/W
Capacitance Values
pF Part Number * P0080S[A/B]L P0080SCL P0220SAL P0220SBL P0220SCL P0300S[A/B]L P0300SCL P0640S[A/B]L P0640SCL P0720SAL P0720SBL P0720SCL P0900SAL P0900SBL P0900SCL P1100SAL P1100SBL P1100SCL P1300SAL P1300SBL P1300SCL P1500SAL P1500SBL P1500SCL P1800SAL P1800SBL P1800SCL P2100S[A/B]L P2100SCL P2300SAL P2300SBL P2300SCL P2600SAL P2600SBL P2600SCL P3100SAL P3100SBL P3100SCL P3500SAL P3500SBL P3500SCL MIN 25 35 25 25 30 15 25 40 55 35 35 50 35 35 45 30 30 45 25 25 40 25 25 35 25 25 35 20 30 25 25 30 20 20 30 20 20 30 20 20 25 MAX 150 260 150 150 240 140 250 60 155 60 75 150 55 70 140 50 70 115 45 60 105 40 55 95 35 50 90 35 90 35 50 80 35 45 80 35 45 70 35 40 65
* [A/B] in part number indicates that values are for both A and B surge ratings. Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
Telecom Design Guide * (c) 2006 Littelfuse
3-3
www.littelfuse.com
SIDACtor Devices
SIDACtor(R) Device
+I
tr = rise time to peak value td = decay time to half value
IT IS IH IDRM -V VT VDRM VS +V
IPP - Peak Pulse Current - %IPP
100
Peak Value
Waveform = tr x td
50
Half Value
0 0 tr td t - Time (s)
-I
V-I Characteristics
tr x td Pulse Waveform
Percent of VS Change - %
10
IH (TC = 25 C)
14 12 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25 C
Ratio of
Case Temperature (TC) - C
Junction Temperature (TJ) - C
Normalized VS Change versus Junction Temperature Normalized DC Holding Current versus Case Temperature
www.littelfuse.com
3-4
(c) 2006 Littelfuse * Telecom Design Guide


▲Up To Search▲   

 
Price & Availability of P0300SL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X